PART |
Description |
Maker |
1N1206RA 1N1202A 1N1202RA JAN1N1202A 1N1204RA 1N36 |
12A silicon power rectifier, 200V 12A silicon power rectifier, 1000V Military Silicon Power Rectifier 12A silicon power rectifier, 400V 12A silicon power rectifier, 600V 12A silicon power rectifier, 800V
|
MICROSEMI[Microsemi Corporation] http://
|
NTE5864 NTE5889 NTE5865 |
Silicon power rectifier diode. Anode to case. Peak reverse voltage 200V. Max forward current 30A. Silicon Power Rectifier Diode, 25 Amp Silicon Power Rectifier Diode 25 Amp Silicon Power Rectifier Diode / 25 Amp
|
NTE[NTE Electronics]
|
BD535 BD537 BD536 BD533 4133 BD538 BD534 -BD536 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS RI Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Custom Solutions Available; 1kVDC Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MIG100J7CSB1W |
MINIATURE POWER RELAY 东芝智能功率模块IGBT的硅频道 TOSHIBA Intelligent Power Module Silicon N Channel IGBT Intelligent Power Module Silicon N Channel IGBT High Power Switching Applications Motor Control Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|
S35100 R35140 S3560 S3520 S3580 S3540 R3580 1N4137 |
Silicon Power Rectifier 70 A, 600 V, SILICON, RECTIFIER DIODE, DO-203AB Silicon Power Rectifier 70 A, 1400 V, SILICON, RECTIFIER DIODE, DO-203AB Silicon Power Rectifier 70 A, 1600 V, SILICON, RECTIFIER DIODE, DO-203AB
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2SB1432 |
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon power transistor
|
NEC
|
BD802 |
Plastic High Power Silicon PNP Transistor POWER TRANSISTORS PNP SILICON
|
Motorola, Inc Motorola Inc ON Semiconductor
|